|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
insertion return loss common mode rohs-5 2 rohs-6 3 turns emi leds 1 loss (db typ) crosstalk rejection hipot compliant compliant ratios fingers l/r (db typ) 100 15 (db typ) (db typ) (vrms) part no. part no. tx rx 1-65 1-10 10-30 30-60 60-80 1-30 30-60 60-100 1-50 50-150 @60hz mhz mhz mhz mhz mhz mhz mhz mhz mhz mhz 1 min j1006f01p J1006F01PNL 1ct:1 1ct:1 no g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1006f21 j1006f21nl 1ct:1 1ct:1 yes none -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1011f01p j1011f01pnl 1ct:1 1ct:1 no g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1011f21p j1011f21pnl 1ct:1 1ct:1 yes g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f01c j1012f01cnl 1ct:1 1ct:1 no y/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f21c j1012f21cnl 1ct:1 1ct:1 yes y/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f21k j1012f21knl 1ct:1 1ct:1 yes g/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1012f21r j1012f21rnl 1ct:1 1ct:1 yes rg/ry -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1026f01 j1026f01nl 1ct:1 1ct:1 no none -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1026f01p j1026f01pnl 1ct:1 1ct:1 no g/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 j1026f21c j1026f21cnl 1ct:1 1ct:1 yes y/g -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 jp006821u jp006821unl 1ct:1 1ct:1 yes g_o/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 jp011821u jp011821unl 1ct:1 1ct:1 yes g_o/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 jp026821u jp026821unl 1ct:1 1ct:1 yes g_o/y -1.0 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 electrical specifications @ 25c ? operating temperature 0c to +70c p ulse j ack tm 1x1 tab-up rj45 www .pulseeng.com features and benefits: rohs-5 peak wave solder temperature rating 235c rohs-6 peak wave solder temperature rating 260c suitable for cat 5 & 6 fast ethernet cable or better utp electrical performance summary: meets ieee 802.3 specification 350h minimum ocl with 8ma bias current high performance for maximum emi suppression description: 10/100 base-tx rj45 1x1 tab-up with leds 8-pin (j1 series) and 6-pin (jp series) integrated magnetics connector, designed to support applications, such as adsl modems, lan-on-motherboard, and hub and switches. notes: 1. leds left/right: g = green, y = yellow, g_o = green/orange bi-color led, r = leds with resistors. 2. rohs-5 - product does not contain 5 out of the 6 banned substances specified in the rohs directive. product contains lead in applications considered as solders. 3. rohs-6 - product does not contain 5 out of the 6 banned substances specified in the rohs directive. some internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead). notes: 1. connector dimensions comply with fcc dimension requirements. 2. msl = moisture sensitivity level rating from 1 to 5 (highest rating = 1, lowest rating = 5). 3. nl parts are tin matte finish over nickel. mating force unmating force plug to jack part number (max) (max) durability retention (min) jp/j1 series 5 lbs./2.268 kgs. 5 lbs./2.268 kgs. 750 insertions 20 lbs./9.072 kgs. rj45 durability testing rating part shield contact housing msl 2 number material finish material plating area solder area 3 material specification rating jp/j1 10-20m inches nickel over phosphor nickel underplating and 120 inches sn90/pb10 series brass 10-20m inches brass bronze selective gold plating 15 inches over 50 inches nickel thermoplastic ul 94 v-0 1 rj45 material specification usa 858 674 8100 ? ? uk 44 1483 401 700 ? ? france 33 3 84 35 04 04 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 1 j402.d (6/06)
!" #!$% &'() ** +,(!--.!/ -./ -.!/ 0 0 1 0 0 12 11 10 9 7 5 3 8 6 4 2 pin #1 4x .003 0,08 .040 1,02 .060 1,52 .290 7,37 8x .003 0,08 .035 0,89 .100 2,54 .150 3,81 .200 5,08 .250 6,35 .300 7,62 .350 8,89 .400 10,16 .485 12,32 .000 0,00 .135 3,43 2x .003 0,08 .064 1,63 .250 6,35 .130 3,30 .000 0,00 .100 2,54 .675 17,15 .050 1,27 .050 1,27 2x .125 3,18 .129 3,28 .040 1,02 .390 9,91 front back 4x r .010 0,25 max (top of pcb to bottom of opening) .010 0,25 .560 14,22 .670 17,02 .290 7,37 patent pending date code country of origin j10xxxxxx tm back view p ulse j ack tm 1x1 tab-up rj45 j1 series mechanicals recommended panel cutout suggested pcb layout side view -.)-./ 2+.-/+( 0 1 11 &+,2)-./ front view face view www .pulseeng.com dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 emi fingers emi fingers usa 858 674 8100 ? ? uk 44 1483 401 700 ? ? france 33 3 84 35 04 04 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 2 j402.d (6/06) !"#$%& ' ' !( ! ) * * j1 series electrical schematics !"#$%& ' ' !( ! ) +&++ 8 , - j1006 p ulse j ack tm 1x1 tab-up rj45 yellow 585 nm 2.5 v 2.1 v green 565 nm 2.5 v 2.2 v standard led wavelength forward* v(max) (typ) * with a forward current of 20 ma j1011 ' ' . !( ! ) - !"#$%& ' ' . +&++ 8 , !( ! ) - !"#$%& j1012 j1026 / 0 1 2 3 4 + / 2 3 1 + 4 / 1 2 3 4 + www .pulseeng.com usa 858 674 8100 ? ? uk 44 1483 401 700 ? ? france 33 3 84 35 04 04 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 3 j402.d (6/06) p ulse j ack tm 1x1 tab-up rj45 -.)-./ &+,2)-./ jp series mechanicals www .pulseeng.com dimensions: inches unless otherwise specified, all tolerances are .010 mm 0,25 emi fingers usa 858 674 8100 ? ? uk 44 1483 401 700 ? ? france 33 3 84 35 04 04 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 4 j402.d (6/06) !"#$%& ' ' !( ! ) jp series electrical schematics ' ' !( ! ) +&++ 8 , ( jp006 p ulse j ack tm 1x1 tab-up rj45 jp011 ' ' . !( ! ) !"#$%& ( +&++ 8 , jp026 www .pulseeng.com yellow 585 nm 2.5 v 2.1 - 2.2 v green 565 nm 2.5 v 2.1 - 2.2 v orange 610 nm 2.5 v 2.1 - 2.2 v standard led wavelength forward* v (max) (typ) * with a forward current of 20 ma www.pulseeng.com j402.d (6/06) for more information: pulse worldwide headquarters 12220 world trade drive san diego, ca 92128 u.s.a. www.pulseeng.com tel: 858 674 8100 fax: 858 674 8262 pulse northern europe 3 huxley road surrey research park guildford, surrey gu2 5re united kingdom tel: 44 1483 401700 fax: 44 1483 401701 pulse southern europe zone industrielle f-39270 orgelet france tel: 33 3 84 35 04 04 fax: 33 3 84 25 46 41 pulse south asia 150 kampong ampat #07-01/02 ka centre singapore 368324 tel: 65 6287 8998 fax: 65 6280 0080 pulse north asia no. 26 kao ching road yang mei chen taoyuan hsien taiwan, r. o. c. tel: 886 3 4641811 fax: 886 3 4641911 pulse china headquarters no. 1 industrial district changan, dongguan china tel: 86 769 85538070 fax: 86 769 85538870 performance warranty of products offered on this data sheet is limited to the parameters specified. data is subject to change w ithout notice. other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. ? copyright, 2006. pulse engineering, inc. all rights reserved. pulse north china room 1503 xinyin building no. 888 yishan road shanghai 200233 china tel: 86 21 54643211/2 fax: 86 21 54643210 |
Price & Availability of J1006F01PNL |